PART |
Description |
Maker |
CGR113T075X3L CGR213U020V3L CGR213U050W4L CGR312T0 |
105 ?? High Temp Screw Terminal Aluminum Electrolytic 105 ?C High Temp Screw Terminal Aluminum Electrolytic 105 ?C High Temp Screw Terminal Aluminum Electrolytic 105 ?C High Temp Screw Terminal Aluminum Electrolytic 105 垄陋C High Temp Screw Terminal Aluminum Electrolytic
|
http:// Cornell Dubilier Electronics Cornell Dubilier Electr...
|
HES312G350X3L HES412G400X5C |
105 oC High Energy Screw Terminal Aluminum Electrolytic 105 oC High Energy Screw Terminal Aluminum Electrolytic
|
Cornell Dubilier Electr...
|
EKI |
Aluminum Electrolytic Capacitors, Radial Style, Polarized AI Electrolytic Capacitor, High C-U Product with Miniature Dimensions, Little Leakage Current, Low Energy Requirement, Low Temp Range (-55°C / 105°C)
|
Vishay
|
ELXA161LGC153TFE0M ELXA161LGC332TCA0M ELXA100LGB68 |
long life screw terminals ,105? long life screw terminals ,105?
|
United Chemi-Con, Inc.
|
ML4803CP-1 ML4803CP-2 ML4803CP1 ML4803IX-X ML4803 |
Power Factor Correction (PFC) and PWM Controller Combo From old datasheet system CAPACITOR, 10UF 10VCAPACITOR, 10UF 10V; Capacitance:10uF; Voltage rating, DC:10V; Capacitor dielectric type:; Series:SVP; Temp, op. max:105(degree C); Temp, op. min:-55(degree C); Tolerance, :20%; Tolerance, -:20%; Current, ripple 8引脚PFC和PWM组合控制 8-Pin PFC and PWM Controller Combo 1 A POWER FACTOR CONTROLLER WITH POST REGULATOR, 67 kHz SWITCHING FREQ-MAX, PDSO8
|
FAIRCHILD[Fairchild Semiconductor] Micro Linear Corporation Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
PUMA68F64006AM-15 PUMA68F64006AM-15E PUMA68F64006A |
4NS, 144 TQFP, COM TEMP(FPGA) 2NS, 240 PQFP, COM TEMP(FPGA) 15K GATE, 4NS, 84 PLCC, IND TEMP(FPGA) EEPROM 4NS, 100 VQFP, COM TEMP(FPGA) EEPROM 9K GATE, 2NS, 132 BQFP, IND TEMP(FPGA) EEPROM
|
ON Semiconductor
|
EDS6432AFBH-6B-E EDS6432CFBH-75-E EDS6432AFBH-75-E |
64M bits SDRAM (2M words x 32 bits) CAPACITOR, 1000UF 50V CAPACITOR, 1000UF 50V; CAPACITANCE:1000UF; VOLTAGE RATING, DC:50V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:YXF; TEMP, OP. MAX:105(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes Circular Connector; No. of Contacts:19; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:15-19 RoHS Compliant: No
|
Elpida Memory, Inc.
|
AD9216BCPZRL7-105 AD9216BCPZRL7-65 AD9216BCPZRL7-8 |
10-Bit, 65/80/105 MSPS Dual A/D Converter 2-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, QCC64 10-Bit, 65/80/105 MSPS Dual A/D Converter 10位,65/80/105 MSPS双通道的A / D转换
|
Analog Devices, Inc.
|
AM29LV800BB-120WBI AM29LV800BB-120WBC AM29LV800BB- |
30MHZ, 3.3V, 44 TQFP, IND TEMP(FPGA) 30MHZ, 3.3V, 20 PLCC, COM TEMP(FPGA) 30MHZ, 3.3V, 20 PLCC, IND TEMP(FPGA) 8-TSSOP,AUTO,Pb/HALO FREE,NIPDAU LF 2.5V(SERIAL EE) 10MHZ, 20 SOIC, COM TEMP, 5K MOQ(FPGA) 10MHZ, 20 SOIC, IND TEMP, 5K MOQ(FPGA) 30MHZ, 3.3V, 44 PLCC, COM TEMP(FPGA) 30MHZ, 3.3V, 44 TQFP, COM TEMP(FPGA) 30MHZ, 8 LAP, IND TEMP, GREEN(FPGA) x8/x16闪存EEPROM x8/x16 Flash EEPROM x8/x16闪存EEPROM 32M CONFIG FLASH, 44 PLCC, GREEN(FPGA) x8/x16闪存EEPROM 512K X 16 FLASH 3V PROM, 120 ns, PDSO44 512K X 16 FLASH 3V PROM, 120 ns, PDSO48 10MHZ, 8 PDIP, COM TEMP, 5K MOQ(FPGA)
|
Analog Devices, Inc. ADVANCED MICRO DEVICES INC
|
SC100..5.SERIES |
SCHOTTKY DIE 105 x 105 mils
|
International Rectifier
|
X28HC16J-55 X28HC16SI-55 X28HC16J-90 X28HC16PI-70 |
90NS, 44 PLCC, IND TEMP(FLASH) x8 EEPROM 120NS, TSOP, COM TEMP(FLASH) 150NS, 44 TSOP, IND TEMP(FLASH) 90NS, TSOP, IND TEMP(FLASH) 70NS, TSOP, IND TEMP, GREEN(FLASH) x8的EEPROM
|
Electronic Theatre Controls, Inc.
|
T342-SERIES X342-SERIES T322-SERIES X322-SERIES T3 |
10MS, 8 TSSOP, IND TEMP, GREEN, 2.7V(SERIAL EE) BGA,GREEN,IND TEMP(ARM) NGD: SMART CARD, MODULE(SMARTCARDS) 20NS, TQFP, IND TEMP(EPLD) 外围芯片 Peripheral IC 外围芯片
|
Marktech Optoelectronics
|
|